Part Number Hot Search : 
SY8821 M5226 TMP06 HT1034 TLHR5200 EUP6514 MP201801 261S55
Product Description
Full Text Search
 

To Download TC206B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz SMD
TC206B
Features: - Cylindrical enclosures with mounting clips - Surface mount pick & place - High performance/cost ratio
Specifications Frequency range Frequency tolerance,Ta=25C Load capacitance Temp. coefficient Temperature range Drive level Series resistance Shunt capacitance Insulation resistance Aging Storage temperature Operating temperature Maximum drive level Recommended drive level Symbol f Df/f CL A TSTG TOPR MDL RDL R1 C0 IR DfA TC-206B 32.768kHz 32kHz ~ 200kHz 20ppm ~ 100ppm 6pF ~ 12.5pF (Std.) Remarks Standard Available Others are offered Please specify
Max -0.04 x 10-6 / C -20C - +70C ~ -40C - +85C -55C ~ +125C 1mW 40k Ohm max 1.3pF 500M Ohm 5ppm/Year Standard Max As per table (25C) Typ Min Max
Resistance of series resonance (ESR) Frequency (MHz) Mode 3.579 <= f < 6.0 Fundamental 6.0 <= f < 10.0 Fundamental 10.0 <= f < 15.0 Fundamental
Ohm max 150 100 60
Frequency (MHz) 15.0 <= f < 35.0 30.0 <= f < 90.0
Mode Fundamental 3rd OT
Ohm max 40 70
Drawing
TC206B
Dimensions in mm
Order key
Q
Part
- 32.768000k - TC206B
Frequency Package
- 50
Frequency tolerance
-B
Temperature range A= 0C ~ 70C
- 12.5
Load capacitance pF SR=series
-X
Option
Q=Quartz
k=kHz
TC206B
+/-ppm (25C)
X=Special options
B=-10C ~ 60C C=-10C ~ 70C D=-20C ~ 70C E=-40C ~ 85C H=-20C ~ +80C I=-10C ~ +50C
Remarks: All specifications subject to change without notice!
2.1


▲Up To Search▲   

 
Price & Availability of TC206B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X